Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD80011BUG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD80011BUG
Description  8 inch Large Assembly 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD80011BUG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD80011BUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD80011BUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD80011BUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121499
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 8 inch Large Assembly 7 Segment LED Display
LD80011A/B Series – 8 inch Large Assembly 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
Features
200 mm (18 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment
RoHS compliant
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters(inches), Tolerance is +
0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed
0.25mm.


Similar Part No. - LD80011BUG

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LD800-2AC MRV-LD800-2AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800-2DC MRV-LD800-2DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800-AC MRV-LD800-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800-DC MRV-LD800-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
LD800P-2AC MRV-LD800P-2AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
More results

Similar Description - LD80011BUG

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
FND310C QT-FND310C Datasheet
311Kb / 3P
0.362-INCH 7-SEGMENT DISPLAY
logo
List of Unclassifed Man...
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
7 SEGMENT LED DISPLAY
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
7 SEGMENT LED DISPLAY
logo
LightKey Optoelectronic...
LD200011AB LIGHTKEY-LD200011AB Datasheet
148Kb / 3P
LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
3.00 inch Single Digit 7 Segment big assembly LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com