Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU601 Datasheet(PDF) 1 Page - Comchip Technology

Part # KBU601
Description  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBU601 Datasheet(HTML) 1 Page - Comchip Technology

  KBU601 Datasheet HTML 1Page - Comchip Technology KBU601 Datasheet HTML 2Page - Comchip Technology KBU601 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 6.0 Amp
KBU600 Thru 610
Features
Diffused Junction
Low Forward Voltage Drop
High Current Capability
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards
Mechanical Data
Case: Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Weight: 1.7 grams (approx.)
Mounting Position: Any
Marking: Type Number
Silicon Bridge Rectifiers
Silicon Bridge Rectifiers
www.comchiptech.com
COMCHIP
COMCHIP
MDS0306003A
Page 1
KBU
KBU
Peak Repetitiv e Reverse Voltage
VRRM
Worki ng Peak Reverse Volt age
VRWM
DC Blocking Vol tage
VR
RMS Reverse Volt age
VR(RMS)
35
70
140
280
420
560
700
V
Average Recti fied Output Current @ TA = 100°C
IO
A
Non-Repetitiv e Peak Forward Surge Current 8.3m s
Single half sine-wave superimposed on rat ed load
(JEDEC Method)
IFSM
A
Forward Voltage (per elem ent) @IF = 3.0A
VFM
V
Peak Reverse Current
@ TC = 25°C
uA
At Rated DC Blocki ng Voltage @TC = 100°C
mA
Rating for F using (t < 8.3ms) ( Note1)
I
2t
A
2s
Typical Ther mal Resistance (Note2)
R JC
K/W
Operating and Storage T emperature Range
Tj, TSTG
°C
CHARACTERISTICS
Maximum Ratings and Electrical Characterics
Single Phase, half wave, 60Hz, resisti ve or induct ive l oad.
For capaciti ve load, der ate current by 20%.
Symbol
KBU
610
UNIT
250
1.0
KBU
600
KBU
601
KBU
602
KBU
604
KBU
606
KBU
608
50
IR
100
200
400
10
V
1.0
800
1000
6.0
600
166
4.2
Note: 1. Non-repetiti ve for t > 1ms and < 8.3m s.
2. Thermal r esistance junction t o ambient m ounted on PC board with 13.0 x 13. 0 x 0.03mm thick land areas.
-65 to +150
Dim
Min
Max
A
22.7
23.70
B
3.80
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
6.80
H
4.60
5.60
J
25.40
-
K
-
19.30
L
16.80
17.80
M
6.60
7.10
N
4.70
5.20
P
1.20
1.30
KBU
All Dimensions in mm


Similar Part No. - KBU601

ManufacturerPart #DatasheetDescription
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
Won-Top Electronics
KBU601 WTE-KBU601 Datasheet
42Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU601 JGD-KBU601 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU601 FUJI-KBU601 Datasheet
719Kb / 1P
6 AMP SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBU601 LRC-KBU601 Datasheet
52Kb / 2P
6.0A BRIDGE RECTIFIERS
More results

Similar Description - KBU601

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com