Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT152 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT152
Description  capacitive discharge ignition, voltage regulation circuits etc.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT152 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT152 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
BT152
APPLICATIONS
·
It is suitable to fit all modes of control found in applications
such as overvoltage crowbar protection,motor control circuits
in power tools and kitchen aids,in-rush current limiting circuits,
. capacitive discharge ignition, voltage regulation circuits etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
Average on-stage current
TC=105℃
8
A
IT(RMS)
RMS on-state current
TC=105℃
12
A
ITSM
Surge non-repetitive on-state current
TP=10ms
110
A
PG(AV)
Average gate power dissipation
Tj=125℃
1
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,RGK= 220Ω,
Tj=25℃
5
μ
A
Tj=125℃
2
mA
IDRM
Repetitive peak off-state current
VDM=VDRM, ,RGK= 220Ω
Tj=25℃
5
μ
A
Tj=25℃
2
mA
VTM
On-state voltage
ITM= 24A
1.6
V
IGT
Gate-trigger current
VD= 12V; RL=33Ω
2
15
mA
VGT
Gate-trigger voltage
VD= 12V; RL=33Ω
1.3
V
IH
Holding current
IT= 0.5A; Gate Open
30
mA
Rth(j-c)
Thermal resistance
Junction to case
1.3
℃
/W


Similar Part No. - BT152

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152 PHILIPS-BT152 Datasheet
43Kb / 6P
Thyristors
March 1997 Rev 1.200
logo
Comset Semiconductor
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Unisonic Technologies
BT152 UTC-BT152 Datasheet
135Kb / 3P
THYRISTOR
logo
Continental Device Indi...
BT152 CDIL-BT152 Datasheet
340Kb / 3P
THYRISTOR
logo
DIYI Electronic Technol...
BT152 DYELEC-BT152 Datasheet
1Mb / 3P
The BT152 is suitable for motor control
More results

Similar Description - BT152

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8312 CHERRY-CS8312 Datasheet
139Kb / 5P
IGBT Ignition Predriver with Dynamic Current Regulation
Rev. 4/7/97
logo
Rohm
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
Voltage regulation
logo
Mallory performance clu...
6861M MALLORY-6861M_14 Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR CAPACITIVE DISCHARGE IGNITION SYSTEMS
6866M MALLORY-6866M Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR CAPACITIVE DISCHARGE IGNITION SYSTEMS
6867M MALLORY-6867M Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR CAPACITIVE DISCHARGE IGNITION SYSTEMS
6870M MALLORY-6870M Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR CAPACITIVE DISCHARGE
logo
Rohm
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
Voltage regulation
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
Voltage regulation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com