Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT169D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT169D
Description  With TO-92 package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT169D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT169D Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
BT169D
FEATURES
·
With TO-92 package
·
Sensitive gate trigger current
·
Low reverse and forward blocking current
·
Low holding current
·
For general purpose switching and phase control applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak off-state voltage
400
V
IT(AV)
Average on-state current
0.5
A
IT(RMS)
RMS on-state current
0.8
A
PGM
Peak gate power
2
W
PG(AV)
Average gate power
0.1
W
ITSM
Non-repetitive peak on-state current
8
A
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~+ 150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDRM
Repetitive peak off-state voltage
ID=0.1mA
400
V
VRRM
Repetitive peak reverse voltage
ID=0.5mA
400
V
IRRM
Repetitive peak reverse current
VRRM=400V
10
μ
A
IDRM
Repetitive peak off-state current
VDRM=400V
10
μ
A
IGT
Gate trigger current
VD= 12V; IT= 10mA
200
μ
A
VTM
On-state voltage
IT=1.2A
1.7
V
IH
Holding current
IGT=0.5mA ,VD=12V
5
mA
VGT
Gate trigger voltage
VD= 12V; IT= 10mA
0.8
V


Similar Part No. - BT169D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT169D PHILIPS-BT169D Datasheet
52Kb / 7P
Thyristor logic level
September 1997 Rev 1.200
BT169D PHILIPS-BT169D Datasheet
67Kb / 12P
Thyristors logic level
Rev. 04-23 August 2004
logo
JIEJIE MICROELECTRONICS...
BT169D JIEJIE-BT169D Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
logo
Tiger Electronic Co.,Lt...
BT169D TGS-BT169D Datasheet
152Kb / 1P
Thyristors logic level
logo
JILIN SINO-MICROELECTRO...
BT169D JSMC-BT169D Datasheet
290Kb / 5P
Half AC switching
More results

Similar Description - BT169D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N5551 KEC-2N5551_98 Datasheet
30Kb / 1P
TO-92 PACKAGE
BC239 KEC-BC239_98 Datasheet
30Kb / 1P
TO-92 PACKAGE
BC309 KEC-BC309_98 Datasheet
30Kb / 1P
TO-92 PACKAGE
BC327 KEC-BC327_98 Datasheet
31Kb / 1P
TO-92 PACKAGE
BC516 KEC-BC516 Datasheet
373Kb / 1P
TO-92 PACKAGE
BC637 KEC-BC637_01 Datasheet
31Kb / 1P
TO-92 PACKAGE
logo
Inchange Semiconductor ...
BT131-500 ISC-BT131-500 Datasheet
117Kb / 1P
With TO-92 package
BT131-600D ISC-BT131-600D Datasheet
117Kb / 1P
With TO-92 package
BT131-600E ISC-BT131-600E Datasheet
117Kb / 1P
With TO-92 package
BT131-600F ISC-BT131-600F Datasheet
117Kb / 1P
With TO-92 package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com