Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBL400 Datasheet(PDF) 1 Page - Comchip Technology

Part # KBL400
Description  Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBL400 Datasheet(HTML) 1 Page - Comchip Technology

  KBL400 Datasheet HTML 1Page - Comchip Technology KBL400 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 4.0 Amp
KBL400 Thru KBL410
Features
- Diffused Junction
- Low Forward Voltage Drop
- High Reliability
- High Current Capability
-
- Ideal for Printed Circuit Boards
- Case: Molded Plastic
- Terminals: Plated Leads Solderable per MIL
STD-202, Method 208
- Weight: 5.6 grams (approx.)
- Mounting Position: Any
High Surge Current Capability
Mechanical Data
Silicon Bridge Rectifiers
Silicon Bridge Rectifiers
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312010A
Page 1
KBL
KBL
~
~
G
G
+
+
--
~
~ ~
~
A
A
B
B
C
C
H
H
J
J
E
E
D
D
Peak Repetitive Reverse Voltage
VRRM
Working Peak Rever se Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note1) @ TA = 75°C
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage (per element) @IF = 2.0A
VFM
V
Peak Reverse Current
@TC = 25°C
uA
At Rated DC Blocking Voltage @TC = 100°C
mA
I
2t Rating for Fusing (t < 8.3ms) (Note1)
I
2t
A
2s
Typical Thermal Resistance (Note2)
R JC
K/W
Operating and Storage Temperature Range
Tj, TSTG
°C
Maximum Ratings and Electrical Characterics Rating at 25°C unless otherwise specified.
CHARACTERISTICS
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
KBL
410
UNIT
150
KBL
406
KBL
408
50
KBL
400
KBL
401
KBL
402
KBL
404
IR
100
200
400
10
1.1
V
1.0
800
1000
4
600
166
19
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to am bient mounted on PC board with 13.0 x 13.0 x 0.03mm thick land areas.
-65 to +125
Dim
Min
Max
A
18.50
19.50
B
13.70
14.70
C
15.20
16.30
D
6.00
6.50
E
4.60
5.60
G
-
2.10
H
19.00
-
J
1.20
1.30
KBL
All Dimensions in mm


Similar Part No. - KBL400

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBL400 JGD-KBL400 Datasheet
137Kb / 2P
SINGLE PHASE 4.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBL400 ETC1-KBL400 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBL400 WTE-KBL400 Datasheet
48Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBL400

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com