Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF1B Datasheet(PDF) 2 Page - Comchip Technology

Part # EF1B
Description  Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

EF1B Datasheet(HTML) 2 Page - Comchip Technology

  EF1B Datasheet HTML 1Page - Comchip Technology EF1B Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves (
EF1A Thru EF1J)
www.comchip.com.tw
COMCHIP
COMCHIP
Forward Voltage (V)
Fig.2 - Forward Characteristics
MDS0312011A
Page 2
0
0.2
0.4
0.6 0.8
1.0 1.2
1.4
1.6
1.8
2.0
Fig. 4 - Non Repetitive Forward
Surge Current
Number of Cycles at 60Hz
Efficient Fast Recovery Rectifier
Fig. 6 - Current Derating Curve
Fig. 5 - Test Circuit Diagram and Reverse Recovery Time Characteristics
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
0
10
20
50
40
30
1
5
10
50
1 00
10
1.0
0.1
0.01
0.001
Single Phase
Half Wave 60Hz
0
15
30 45 60 75 90 105 120 135 150
100
10
1.0
0.1
0. 01
Percent of Rated Peak Reverse Voltage (%)
Fig. 1 - Reverse Characteristics
Tj=25 C
Tj=125 C
Tj=25 C
Pulse width 300uS
4% duty cycle
Tj=25 C
Ambient Temperature ( C)
0
25
50
75
100
125
150
175
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
8.3mS Single Half Sine
Wave JEDEC methode
Tj=75 C
0.01
0.1
1.0
10
100
Fig. 3 - Junction Capacitance
Reverse Voltage (V)
EF1
A-EF1D
EF1J
EF1G
35
30
25
20
15
10
5
0
f=1MHz and applied
4VDC reverse voltage
Tj=25 C
EF1A-EF1D
EF1G-EF1J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com