Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY57 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUY57
Description  Collector-Emitter Breakdown Voltage-: V(BR)CEO= 125V(Min.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUY57 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUY57 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUY57 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
BUY57
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 100mA; IB= 0
125
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1.25A
1.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A; IB= 1.25A
1.5
V
VBE(on)-1
Base-Emitter On Voltage
IC= 10A; VCE= 1.5V
1.5
V
VBE(on)-2
Base-Emitter On Voltage
IC= 12A; VCE= 1.5V
1.7
V
VBE(on)-2
Base-Emitter On Voltage
IC= 1A; VCE= 1.5V
1.0
V
ICES
Collector Cutoff Current
VCE= 150V; VBE= 0
VCE= 150V; VBE= 0; TC= 125℃
1.0
10
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 1.5V
20
hFE-2
DC Current Gain
IC= 10A; VCE= 1.5V
12
hFE-3
DC Current Gain
IC= 12A; VCE= 1.5V
10
fT
Current-Gain—Bandwidth Product
IC= 1A; VCE= 10V
20
MHz
COB
Collector Output Capacitance
IE= 0; VCB= 10V, f= 1MHz
330
pF
Switching Times
ton
Turn-On Time
IC= 10A; IB1= -IB2= 1A; VCC= 60V;
tp= 10μs
1.0
μs
ts
Storage Time
1.6
μs
tf
Fall Time
0.6
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com