Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC409AMC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC409AMC
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC409AMC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC409AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC409AMC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Characteristics (T
A = 25˚C, AV = +6, VCC = ±5V, RL = 100
Ω,R
f = 500
Ω;
Unless Specified).
Non-Inverting Frequency Response
Inverting Frequency Response
01274801
01274802
Frequency Response for Various R
LS
Small Signal Pulse Response
01274803
01274816
Short-Term Settling Response
Long-Term Settling Time
01274817
01274818
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com