Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS3.3 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMS3.3
Description  USB 2.0 power and data line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMS3.3 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMS3.3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMS3.3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMS3.3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VRWM
(V)
VBR
(V)
IT
(mA)
VC
@1A
Vc
IR
μA
(Max)
C
(Pf)
(Typ.)
(Max)
(@A)
SMS3.3
S3.3
3.3
3.5
1
4.5
10
10
0.5
40
Characteristic Curves
Fig1.
8/20µ s Pulse Waveform
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
t - Time ( s)
Fig3.
Power Derating Curve
0
25
50
75
100
125
150
110
100
40
30
20
10
0
90
80
70
60
50
Ambient Temperature –TA (ºC)
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%
Rev : 01.06.2014
2/3
www.leiditech.com
SMS3.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com