Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS12 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMS12
Description  USB 2.0 power and data line
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMS12 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMS12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMS12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMS12 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TVS/ESD DIODE ARRAY AND LATCH-UP PROTECTION
Features
●
Ultra low leakage: nA level
●
Operating voltage: 12V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOT-26
Pin Configuration
Mechanical Characteristics
●
Package: SOT-26
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
350
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
SMS12


Similar Part No. - SMS12

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS12 SEMTECH-SMS12 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS12 MICROSEMI-SMS12 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Protek Devices
SMS12 PROTEC-SMS12 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS12 PROTEC-SMS12 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
logo
Semtech Corporation
SMS12.TC SEMTECH-SMS12.TC Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
More results

Similar Description - SMS12

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
USB 2.0 power and data line
ESDA3.3CW-4 LEIDITECH-ESDA3.3CW-4 Datasheet
125Kb / 3P
USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
USB 2.0 power and data line
LC0504F LEIDITECH-LC0504F Datasheet
129Kb / 3P
USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
USB 2.0 power and data line
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
USB 2.0 power and data line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com