Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06M Datasheet(PDF) 2 Page - Comchip Technology

Part # DF06M
Description  Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

DF06M Datasheet(HTML) 2 Page - Comchip Technology

  DF06M Datasheet HTML 1Page - Comchip Technology DF06M Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Phase Bridge Rectifiers
Single-Phase Bridge Rectifiers
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312008A
Page 2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
1
10
100
1
10
100
20
40
60
80
100
120
140 150
0
0.5
1.0
1
10
100
0
10
20
30
40
50
60
0
20
40
60
80
100
0.01
0.1
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
Fig. 1 - Derating Curve Output
Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Fig. 4 - Typical Reverse Leakage
Characteristics Per Leg
Fig. 6 - Typical Transient Thermal
Impedance
Fig. 3 - Typical Forward Characteristics
Per Leg
Fig. 5 - Typical Junction Capacitance
Per Leg
Ambient Temperature (
°C)
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (V)
t, Heating Time (sec.)
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
60 HZ
Resistive or
Inductive Load
P.C.B mounted on
0.51 x 0.51" (13 x 13mm)
Copper pads with 0.06"
(1.5mm) lead length
TJ = 25°C
Pulse width = 300
µs
1% Duty Cycle
TJ = 150°C
Single Sine-Wave
(JEDEC Method)
TJ = 25° C
f = 1.0MHz
Vsig = 50mVp-p
1.0 Cycle
TJ = 125°C
TJ = 25°C
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com