Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY24 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUY24
Description  Collector-Emitter Breakdown Voltage-: V(BR)CEO= 60V(Min.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUY24 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUY24 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUY24 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
BUY24
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; IB= 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1m A; IC= 0
6
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
0.6
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
1.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.2A
1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
1.3
V
ICBO
Collector Cutoff Current
VCB=60V; IE= 0
VCB=60V; IE= 0; TC= 125℃
10
1.0
μA
mA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 2V
45
hFE-2
DC Current Gain
IC= 2A; VCE= 2V
40
hFE-3
DC Current Gain
IC= 5A; VCE= 2V
40
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 5V
100
MHz
COB
Collector Output Capacitance
IE= 0; VCB= 10V
35
pF
Switching Times
ton
Turn-On Time
IC= 5A; IB1= 0.5A
0.35
μs
toff
Turn-Off Time
IC= 5A; IB1= -IB2= 0.5A
0.65
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com