Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRL52 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRL52
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL52 Datasheet(HTML) 2 Page - Comchip Technology

  CZRL52 Datasheet HTML 1Page - Comchip Technology CZRL52 Datasheet HTML 2Page - Comchip Technology CZRL52 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MDS0303005A
Page 2
Surface Mount Zener Diodes
COMCHIP
COMCHIP
www.comchiptech.com
CZRL5225B
3
20
29
1600
– 0.075
50
1
152
CZRL5226B
3.3
20
28
1600
– 0.070
25
1
138
CZRL5227B
3.6
20
24
1700
– 0.065
15
1
126
CZRL5228B
3.9
20
23
1900
– 0.060
10
1
115
CZRL5229B
4.3
20
22
2000
– 0.055
5
1
106
CZRL5230B
4.7
20
19
1900
±0.030
5
2
97
CZRL5231B
5.1
20
17
1600
±0.030
5
2
89
CZRL5232B
5.6
20
11
1600
+0.038
5
3
81
CZRL5233B
6
20
7
1600
+0.038
5
3.5
76
CZRL5234B
6.2
20
7
1000
+0.045
5
4
73
CZRL5235B
6.8
20
5
750
+0.05
3
5
67
CZRL5236B
7.5
20
6
500
+0.058
3
6
61
CZRL5237B
8.2
20
8
500
+0.062
3
6.5
55
CZRL5238B
8.7
20
8
600
+0.065
3
6.5
52
CZRL5239B
9.1
20
10
600
+0.068
3
7
50
CZRL5240B
10
20
17
600
+0.075
3
8
45
CZRL5241B
11
20
22
600
+0.076
2
8.4
41
CZRL5242B
12
20
30
600
+0.077
1
9.1
38
CZRL5243B
13
9.5
13
600
+0.079
0.5
9.9
35
CZRL5244B
14
9
15
600
+0.082
0.1
10
32
CZRL5245B
15
8.5
16
600
+0.082
0.1
11
30
CZRL5246B
16
7.8
17
600
+0.083
0.1
12
28
CZRL5247B
17
7.4
19
600
+0.084
0.1
13
27
CZRL5248B
18
7
21
600
+0.085
0.1
14
25
CZRL5249B
19
6.6
23
600
+0.086
0.1
14
24
CZRL5250B
20
6.2
25
600
+0.086
0.1
15
23
CZRL5251B
22
5.6
29
600
+0.087
0.1
17
21
CZRL5252B
24
5.2
33
600
+0.087
0.1
18
19.1
CZRL5253B
25
5
35
600
+0.089
0.1
19
18.2
CZRL5254B
27
4.6
41
600
+0.09
0.1
21
16.8
CZRL5255B
28
4.5
44
600
+0.091
0.1
21
16.2
CZRL5256B
30
4.2
49
600
+0.091
0.1
23
15.1
CZRL5257B
33
3.8
58
700
+0.092
0.1
25
13.8
CZRL5258B
36
3.4
70
700
+0.093
0.1
27
12.6
CZRL5259B
39
3.2
80
800
+0.094
0.1
30
11.6
CZRL5260B
43
3
93
900
+0.095
0.1
33
10.6
CZRL5261B
47
2.7
105
1000
+0.095
0.1
36
9.7
CZRL5262B
51
2.5
125
1100
+0.096
0.1
39
8.9
CZRL5263B
56
2.2
150
1300
+0.096
0.1
43
CZRL5264B
60
2.1
170
1400
+0.097
0.1
46
CZRL5265B
62
2
185
1400
+0.097
0.1
47
CZRL5266B
68
1.8
230
1600
+0.097
0.1
52
CZRL5267B
75
1.7
270
1700
+0.098
0.1
56
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted) Max. VF = 1.25Volts at IF = 200mA
Maximum Zener Impedance
(Note 2.)
at IZT
ZZT (ohm)
at
IZK = 0.25mA
ZZK (ohm)
Notes: (1) The Zener impedance is derived from the 1KHZ AC volt age which results when an AC current having an RMS value equal to 10% of
the Zener current (IZTor IZK) is superim posed on IZT or IZK. Zener impedance is m easured at two points to insure a sharp knee on the breakdown
curve and to eliminate unstable units
(2) Valid provided that electrodes at a distance of 10mm from case are kept at am bient temperature
(3) Tested under thermal equilibrium and DC test conditions.
Max reverse Leakage
Current
Maximum
Regulator
Current
IZM (mA)
(Note 2.)
Type No.
Nominal
Zener
Voltage at
IZT
VZ (V)
(Note 3.)
Test
current
IZT
(mA)
Typical
Temperature
Coefficient
VZ (%/°C)
IR
(uA)
VR
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com