Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1192AB591000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1192AB591000
Description  24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1192AB591000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1192AB591000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1192AB591000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1192AB591000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1192A Non-Paired - Four-Conductor Star Quad, Low-Impedance Cable
Operating Temperature Range
-30°C To +75°C
Non-UL Temperature Rating
75°C
Bulk Cable Weight
33 lbs/1000 ft.
Max. Recommended Pulling Tension
21 lbs.
Min. Bend Radius (Install)
2.45 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
40 Ohms
Nom. Inductance
.21 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
39.2 pF/ft
Nom. Cap. Between Cond. in a Quad Config. @ 1 KHz 57.4 pF/ft
Nominal Velocity of Propagation
66 %
Nom. Conductor DC Resistance @ 20 Deg. C
26.6 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
7.1 Ohms/1000 ft
Max. Operating Voltage - UL
100 V RMS
Max. Operating Voltage - Other :
Other Voltage
Description
18.0 kV
Nom. breakdown voltage between conductors
16.9 kV
Nom. breakdown voltage conductors to shield
Max. Recommended Current
2.9 Amps per conductor @ 25°C
Other Electrical Characteristic 1
2/c 21 AWG equivalent DCR when connected to a 3-pin XLR
NOTES:
Notes
Quad connection scheme: The two blue wires (or wires directly opposite one
another) are connected together to form one conductor, and similarly the two white
wires (or remaining wires) are connected together to form the second conductor.
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
1192A B59100
4 #24 PE SH PVC
BLK MTT
100
3.3
BLACK, MATTE
1192A B591000
4 #24 PE SH PVC
BLK MTT
1000
37
BLACK, MATTE
C
1192A B59500
4 #24 PE SH PVC
BLK MTT
500
16.5
BLACK, MATTE
C
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com