Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRL4728 Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRL4728
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL4728 Datasheet(HTML) 1 Page - Comchip Technology

  CZRL4728 Datasheet HTML 1Page - Comchip Technology CZRL4728 Datasheet HTML 2Page - Comchip Technology CZRL4728 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voltage: 3.3 - 100 Volts
Power: 1 Watt
CZRL4728 Thru CZRL4764
Features
Silicon Planar Power Zener Diodes
For use in stabilizing and clipping circuits
with higher power rating.
Standard Zener voltage tolerance is
±10%. Add suffix “A” for ±5% tolerance.
Other Zener voltages and tolerances are
available upon request.
Mechanical data
Case: MELF Glass Case
Weight: approx. 0.25g
Surface Mount Zener Diodes
www.comchip.com.tw
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0302003A
Page 1
Parameter
Symbol
Value
Unit
Zener Current (see Table “Characteristics ”)
Power Dissipation at Tamb = 25°C
Ptot
1.0
(1)
W
Thermal Resistance Junction to Am bient Air
R JA
170
(1)
°C/W
Junction Temperature
Tj
200
°C
Storage Temperature Range
TS
–65 to +200
°C
Note: (1) Valid provided that electrodes are kept at am bient temperature
Glass MELF
(LL35)
Dimensions in mm
0.022 (0.55)
0.205 (5.2)
0.189 (4.8)
Cathode Mark


Similar Part No. - CZRL4728

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRL52 COMCHIP-CZRL52 Datasheet
56Kb / 3P
Surface Mount Zener Diodes
CZRL5225-G COMCHIP-CZRL5225-G Datasheet
178Kb / 4P
Surface Mount Zener Diodes
CZRL5225B COMCHIP-CZRL5225B Datasheet
56Kb / 3P
Surface Mount Zener Diodes
CZRL5225B-G COMCHIP-CZRL5225B-G Datasheet
178Kb / 4P
Surface Mount Zener Diodes
CZRL5226B COMCHIP-CZRL5226B Datasheet
56Kb / 3P
Surface Mount Zener Diodes
More results

Similar Description - CZRL4728

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
logo
Anova Technologies CO.,...
SMC5338B ANOVA-SMC5338B Datasheet
252Kb / 4P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com