Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRC5349 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRC5349
Description  Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRC5349 Datasheet(HTML) 2 Page - Comchip Technology

  CZRC5349 Datasheet HTML 1Page - Comchip Technology CZRC5349 Datasheet HTML 2Page - Comchip Technology CZRC5349 Datasheet HTML 3Page - Comchip Technology CZRC5349 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.comchip.com.tw
COMCHIP
COMCHIP
MDS021101
3A
Page 2
Surface Mount Zener Diode
CZRC5348
11
125
2.5
125
5
8
8.4
8
0.25
430
CZRC5349
12
100
2.5
125
2
8.6
9.1
7.5
0.25
395
CZRC5350
13
100
2.5
100
1
9.4
9.9
7
0.25
365
CZRC5351
14
100
2.5
75
1
10.1
10.6
6.7
0.25
340
CZRC5352
15
75
2.5
75
1
10.8
11.5
6.3
0.25
315
CZRC5353
16
75
2.5
75
1
11.5
12.2
6
0.3
295
CZRC5354
17
70
2.5
75
0.5
12.2
12.9
5.8
0.35
280
CZRC5355
18
65
2.5
75
0.5
13
13.7
5.5
0.4
265
CZRC5356
19
65
3
75
0.5
13.7
14.4
5.3
0.4
250
CZRC5357
20
65
3
75
0.5
14.4
15.2
5.1
0.4
237
CZRC5358
22
50
3.5
75
0.5
15.8
16.7
4.7
0.45
216
CZRC5359
24
50
3.5
100
0.5
17.3
18.2
4.4
0.55
198
CZRC5360
25
50
4
110
0.5
18
19
4.3
0.55
190
CZRC5361
27
50
5
120
0.5
19.4
20.6
4.1
0.6
176
CZRC5362
28
50
6
130
0.5
20.1
21.2
3.9
0.6
170
CZRC5363
30
40
8
140
0.5
21.6
22.8
3.7
0.6
158
CZRC5364
33
40
10
150
0.5
23.8
25.1
3.5
0.6
144
CZRC5365
36
30
11
160
0.5
25.9
27.4
3.3
0.65
132
CZRC5366
39
30
14
170
0.5
28.1
29.7
3.1
0.65
122
CZRC5367
43
30
20
190
0.5
31
32.7
2.8
0.7
110
CZRC5368
47
25
25
210
0.5
33.8
35.8
2.7
0.8
100
CZRC5369
51
25
27
230
0.5
36.7
38.8
2.5
0.9
93
CZRC5370
56
20
35
280
0.5
40.3
42.6
2.3
1
86
CZRC5371
60
20
40
350
0.5
43
45.5
2.2
1.2
79
CZRC5372
62
20
42
400
0.5
44.6
47.1
2.1
1.35
76
CZRC5373
68
20
44
500
0.5
49
51.7
2
1.5
70
CZRC5374
75
20
45
620
0.5
54
56
1.9
1.6
63
CZRC5375
82
15
65
720
0.5
59
62.2
1.8
1.8
58
CZRC5376
87
15
75
760
0.5
63
66
1.7
2
54.5
CZRC5377
91
15
75
760
0.5
65.5
69.2
1.6
2.2
52.5
CZRC5378
100
12
90
800
0.5
72
76
1.5
2.5
47.5
CZRC5379
110
12
125
1000
0.5
79.2
83.6
1.4
2.5
43
CZRC5380
120
10
170
1150
0.5
86.4
91.2
1.3
2.5
39.5
CZRC5381
130
10
190
1250
0.5
93.6
98.8
1.2
2.5
36.6
CZRC5382
140
8
230
1500
0.5
101
106
1.2
2.5
34
CZRC5383
150
8
330
1500
0.5
108
114
1.1
3
31.6
CZRC5384
160
8
350
1650
0.5
115
122
1.1
3
29.4
CZRC5385
170
8
380
1750
0.5
122
129
1
3
28
CZRC5386
180
5
430
1750
0.5
130
137
1
4
26.4
CZRC5387
190
5
450
1850
0.5
137
144
0.9
5
25
CZRC5388
200
5
480
1850
0.5
144
152
0.9
5
23.6
Max
Voltage
Regulation
VZ, Volts
Maximum
Regulator
Current
IZM mA
Type No.
(Note 1.)
Nominal
Zener
Voltage
VZ @ IZT
volts
(Note 2.)
Test
current
IZT
mA
Max reverse Leakage Current
IR
uA
@ VR Volts
Non & A
Suffix
B-Suffix
Maximum Zener
Impedance
ZZT @ IZT
Ohms
(Note 2.)
ZZK @ IZK
= 1 mA
Ohms
(Note 2.)
Max
Surge
Current
Ir Amps
NOTE:
1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of +- 10% with
guaranteed limits on only Vz, IR,Ir, and VF as shown in the electrical characteristics table. Units with guaranteed
limits on all seven parameters are indicated by suffix “B” for +-5% tolerance.
2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT &ZZK) - Test conditions for Zener voltage and impedance are as
follows; Iz is applied 40 10 ms prior to reading. Mounting contacts are located from the inside edge of mounting
clips to the body of the diode.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com