Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRB5928 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRB5928
Description  Surface Mount Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRB5928 Datasheet(HTML) 2 Page - Comchip Technology

  CZRB5928 Datasheet HTML 1Page - Comchip Technology CZRB5928 Datasheet HTML 2Page - Comchip Technology CZRB5928 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Zener Diodes
www.comchip.com.tw
COMCHIP
M
DS0208006A
Page 2
Surface Mount Zener Diodes
www.comchip.com.tw
COMCHIP
COMCHIP
IZK
VR
(Volts)
(mA)
(Ohms)
(Ohms)
(mA)
(uA)
(Volts)
(mAdc)
CZRB5926
11
34.1
5.5
550
0.25
1
8.4
136
CZRB5927
12
31.2
6.5
550
0.25
1
9.1
125
CZRB5928
13
28.8
7
550
0.25
1
9.9
115
CZRB5929
15
25
9
600
0.25
1
11.4
100
CZRB5930
16
23.4
10
600
0.25
1
12.2
93
CZRB5931
18
20.8
12
650
0.25
1
13.7
83
CZRB5932
20
18.7
14
650
0.25
1
15.2
75
CZRB5933
22
17
17.5
650
0.25
1
16.7
68
CZRB5934
24
15.6
19
700
0.25
1
18.2
62
CZRB5935
27
13.9
23
700
0.25
1
20.6
55
CZRB5936
30
12.5
26
750
0.25
1
22.8
50
CZRB5937
33
11.4
33
800
0.25
1
25.1
45
CZRB5938
36
10.4
38
850
0.25
1
27.4
41
CZRB5939
39
9.6
45
900
0.25
1
29.7
38
CZRB5940
43
8.7
53
950
0.25
1
32.7
34
CZRB5941
47
8
67
1000
0.25
1
35.8
31
CZRB5942
51
7.3
70
1100
0.25
1
38.8
29
CZRB5943
56
6.7
86
1300
0.25
1
42.6
26
CZRB5944
62
6
100
1500
0.25
1
47.1
24
CZRB5945
68
5.5
120
1700
0.25
1
51.7
22
CZRB5946
75
5
140
2000
0.25
1
56
20
CZRB5947
82
4.6
160
2500
0.25
1
62.2
18
CZRB5948
91
4.1
200
3000
0.25
1
69.2
16
CZRB5949
100
3.7
250
3100
0.25
1
76
15
CZRB5950
110
3.4
300
4000
0.25
1
83.6
13
CZRB5951
120
3.1
380
4500
0.25
1
91.2
12
CZRB5952
130
2.9
450
5000
0.25
1
98.8
11
CZRB5953
150
2.5
600
6000
0.25
1
114
10
CZRB5954
160
2.3
700
6500
0.25
1
121.6
9
CZRB5955
180
2.1
900
7000
0.25
1
136.8
8
CZRB5956
200
1.9
1200
8000
0.25
1
152
7
* TOLERANCE AND VOLTAGE DESIGNATION Toler ance designation - The type numbers listed
indicate a tolerance of ± 5%
IR
Device
Max Reverse
Leakage Current
Max DC
Zener
Current IZM
ELECTRICAL CHARACTERISTICS
(TL=30°C unless otherwise noted) (VF=1.5Volts Max @ IF=200mAdc for all types.)
Maximum Zener Impedance
(Note 2)
ZZK @ IZK
ZZT @ IZT
Nominal
Zener
Voltage
VZ @ IZT
(Note 1)
Test
current
IZT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com