Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRB3013 Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRB3013
Description  Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRB3013 Datasheet(HTML) 2 Page - Comchip Technology

  CZRB3013 Datasheet HTML 1Page - Comchip Technology CZRB3013 Datasheet HTML 2Page - Comchip Technology CZRB3013 Datasheet HTML 3Page - Comchip Technology CZRB3013 Datasheet HTML 4Page - Comchip Technology CZRB3013 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.comchip.com.tw
COMCHIP
MDS0
303002A
Page 2
Surface Mount Zener Diode
IZK
VR
(Volts)
(mA)
(Ohms)
(Ohms)
(mA)
(uA)
(Volts)
Madc
Ir - mA
CZRB3011
11
68
4
700
0.25
1
8.4
225
1.82
CZRB3012
12
63
4.5
700
0.25
1
9.1
246
1.66
CZRB3013
13
58
4.5
700
0.25
0.5
9.9
208
1.54
CZRB3014
14
53
5
700
0.25
0.5
10.6
193
1.43
CZRB3015
15
50
5.5
700
0.25
0.5
11.4
180
1.33
CZRB3016
16
47
5.5
700
0.25
0.5
12.2
169
1.25
CZRB3017
17
44
6
750
0.25
0.5
13
150
1.18
CZRB3018
18
42
6
750
0.25
0.5
13.7
159
1.11
CZRB3019
19
40
7
750
0.25
0.5
14.4
142
1.05
CZRB3020
20
37
7
750
0.25
0.5
15.2
135
1.00
CZRB3022
22
34
8
750
0.25
0.5
16.7
123
0.91
CZRB3024
24
31
9
750
0.25
0.5
18.2
112
0.83
CZRB3027
27
28
10
750
0.25
0.5
20.6
100
0.74
CZRB3028
28
27
12
750
0.25
0.5
21
96
0.71
CZRB3030
30
25
16
1000
0.25
0.5
22.5
90
0.67
CZRB3033
33
23
20
1000
0.25
0.5
25.1
82
0.61
CZRB3036
36
21
22
1000
0.25
0.5
27.4
75
0.56
CZRB3039
39
19
28
1000
0.25
0.5
29.7
69
0.51
CZRB3043
43
17
33
1500
0.25
0.5
32.7
63
0.45
CZRB3047
47
16
38
1500
0.25
0.5
35.6
57
0.42
CZRB3051
51
15
45
1500
0.25
0.5
38.8
53
0.39
CZRB3056
56
13
50
2000
0.25
0.5
42.6
48
0.36
CZRB3062
62
12
55
2000
0.25
0.5
47.1
44
0.32
CZRB3068
68
11
70
2000
0.25
0.5
51.7
40
0.29
CZRB3075
75
10
85
2000
0.25
0.5
56
36
0.27
CZRB3082
82
9.1
95
3000
0.25
0.5
62.2
33
0.24
CZRB3091
91
8.2
115
3000
0.25
0.5
69.2
30
0.22
CZRB3100
100
7.5
160
3000
0.25
0.5
76
27
0.20
NOTE:
Maximum
Zener
Current IZM
1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
2. ZENER VOLTAGE (Vz) MEASUREMENT - guarantees the zener voltage when measured at 40 ms +- 10ms
from the diode body, and an ambient temperature of 25 °C (+8°C , -2°C ).
3.ZENER IMPEDANCE (Zz) DERIVATION - The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having
an rms falue equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK.
4. SURGE CURRENT (Ir) NON-REPETITIVE - The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge
current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards,
however, actual device capability is as described in Figure 3.
ELECTRICAL CHARACTERISTICS
(TA=25°C unless otherwise noted) (VF=1.2Volts Max, IF=500mA for all types.)
Device
(Note 1.)
Nominal
Zener
Voltage VZ
@ IZT
(Note 2.)
Test
current
IZT
Maximum Zener Impedance
(Note 3.)
Leakage Current
Surge
Current
@TA=25°C
(Note 4.)
ZZT @ IZT ZZK @ IZK
IR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com