Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CURL102 Datasheet(PDF) 1 Page - Comchip Technology

Part # CURL102
Description  SMD Ultra Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURL102 Datasheet(HTML) 1 Page - Comchip Technology

  CURL102 Datasheet HTML 1Page - Comchip Technology CURL102 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.0 Amp
CURL101 Thru CURL107
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JA
T j
TSTG
Maximum Ratings and Electrical Characterics
Unit
V
V
V
A
A
V
nS
uA
MDS0210011B
Page 1
Note 1: Thermal resistance from junction to ambient.
CURL
101
CURL
102
50
50
35
600
600
420
100
100
70
30
1.0
1.3
-55 to +150
60
5.0
100
-55 to +150
CURL
107
CURL
106
CURL
105
CURL
104
CURL
103
800
800
560
400
400
280
SMD Ultra Fast Recovery Rectifier
SMD Ultra Fast Recovery Rectifier
200
200
140
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Ultra fast recovery time: 50 - 75 nS
Low leakage current
Mechanical data
Case: DO-213AB molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight:0.116 gram
1.0
1.7
1000
1000
700
75
50
C/W
C
C
C
C
Dimensions in inches and (millimeters)
0.205(5.2)
0.195(4.8)
0.022(0.55)
Max.
0.105(2.67)
0.095(2.40)
DO-213AB (Plastic Melf)
www.comchiptech.com
COMCHIP
COMCHIP


Similar Part No. - CURL102

ManufacturerPart #DatasheetDescription
logo
Evolt
CUR2-NSAGAAA1488030CC EKTOR-CUR2-NSAGAAA1488030CC Datasheet
538Kb / 5P
CURVE 2
3rd of February 2025 05:55:00
logo
Micronas
CUR3105 MICRONAS-CUR3105 Datasheet
257Kb / 2P
Hall-Effect Current Transducer
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
More results

Similar Description - CURL102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Comchip Technology
CURM101 COMCHIP-CURM101 Datasheet
66Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURC301 COMCHIP-CURC301 Datasheet
68Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURB201 COMCHIP-CURB201 Datasheet
68Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURA151 COMCHIP-CURA151 Datasheet
67Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURA101 COMCHIP-CURA101 Datasheet
68Kb / 2P
SMD Ultra Fast Recovery Rectifier
CURM101-G COMCHIP-CURM101-G Datasheet
124Kb / 2P
SMD Ultra Fast Recovery Rectifier
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com