Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC412AIB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC412AIB
Description  Dual Wideband Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC412AIB Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC412AIB Datasheet HTML 4Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 5Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 6Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 7Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 8Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 9Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 10Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 11Page - National Semiconductor (TI) CLC412AIB Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CMRR over frequency can be achieved through the
placement of an RC network between the outputs (A and
B) of the two amplifiers of the CLC412.
Non-Inverting Current-Feedback Integrator.
The circuit of Figure 7 achieves its high-speed integration
by placing one of the CLC412's amplifiers in the feedback
loop of the second amplifier configured as shown.
Figure 7
Low-Noise Wide-Bandwidth Transimpedance
Amplifier. Figure 8 implements a low-noise
transimpedance amplifier using both channels of the
CLC412. This circuit takes advantage of the lower input-
bias-current noise of the non-inverting input and achieves
negative feedback through the second CLC412 channel.
The output voltage is set by the value of Rf while frequency
compensation is achieved through the adjustment of RT.
Figure 8
Buffered 2nd-Order Sallen-Key Low-Pass Filter.
Figure 9 shows one implementation of a 2nd order
Sallen-Key low pass filter buffered by one of the CLC412's
channels. The CLC412 enables greater precision since
it provides the advantage of very low output impedance
and very linear phase throughout the pass-band.
½CLC412
½CLC412
Av
1 = -0.5V/V
Av
2 = 1.5V/V
Vin
Vout
Rf1
Rf2
R
Rg
2
Rg
1
R1
R2
Ro1
Ro2
+
+
-
-
V
in
3
Figure 4
½CLC412
½CLC412
(Av
1 = -1V/V)
(Av
2 = -1V/V)
-Vin
+Vin
Vout1
Rf
Rf
Rg
RR
R1
R1
Ro
++
--
Figure 6
R
Av = +1
Av = -10
R1
Rf
R2
Rg
Vout
R
Rf
R1=Rf
Rg=Rf/10
Ro
+Vin
-Vin
½CLC412
½CLC412
Differential Line Receiver. Figures 5 and 5a show two
different implementations of an instrumentation amplifier
which convert differential signals to single-ended. Figure
5a allows CMRR adjustment through R2.
Figure 5
Figure 5a
High-Speed Instrumentation Amplifier.
For applications requiring higher CMRR the composite
circuit of Figure 6 uses the two amplifiers of the CLC412
to create balanced inputs for the CLC420 voltage-
feedback op amp. The DC CMRR can be fine tuned
through the adjustment of Rb. Further improvement of
CLC420
½CLC412
½CLC412
Rf
2
Rf
Rf
1
Rin2
Rb
R
Rin
1
Vin
2
Vout
Vin
1
Rin
1
=
Rin2
Ra
A
B
Ro
Rg
+
+
+
-
-
-
½CLC412
½CLC412
Vin
Vout
Rg
R
R2
R1
Rb
C
+
+
+
-
-
VV
R
R
sRC
oin
=
2
1
A
R
R
f
g
2
2
2
=−
V
IR
R
Z(s
A
s
o
sf
T
p
p
=
+
+
F
H
GG
GG
I
K
JJ
JJ
1
1
2
)
ω
ω
½CLC412
½CLC412
Rin
+
+
-
-
Vout
Vin
R2
Rf
C2
C1
Rf
R1
Rg
Figure 9
½CLC412
½CLC412
+
-
Is
Rg2
+
-
Rf2
Ro
Vo
R
RT
Rf
Cf
Cin
V
V
K
RR C C
ss
RC
R C
K
RC
R R C C
out
in
o
=
++
+
−
+
12
1
2
2
11
2
2
9
22
1 2
1
2
11
1
1
http://www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com