Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRB2033 Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRB2033
Description  Surface Mount Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRB2033 Datasheet(HTML) 3 Page - Comchip Technology

  CZRB2033 Datasheet HTML 1Page - Comchip Technology CZRB2033 Datasheet HTML 2Page - Comchip Technology CZRB2033 Datasheet HTML 3Page - Comchip Technology CZRB2033 Datasheet HTML 4Page - Comchip Technology CZRB2033 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rating and Characteristic Curves (CZRB2011 Thru CZRB2100)
www.comchip.com.tw
COMCHIP
MDS0302004A
Page 3
Surface Mount Zener Diode
30
20
10
7
5
3
2
1
0.7
0.5
0.3
0.0001 0.0002
0.0005 0.001 0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D=0.5
0.2
0.1
0.05
0.02
0.01
D=0
NOTE BELOW 0.1 SECOND,
THERMAL RESPONSE
CURVE IS APPLICABLE TO
ANY LEAD LENGTH (L)
SINGLE PULSE
TJL =
JL(t)PPK
REPETITIVE PULSES
TJL =
JL(t,D)PPK
Fig. 2-TYPICAL THERMAL RESPONSE L,
1K
500
300
200
100
50
30
20
10
.1
.2 .3
5
1
2 3 5
10
20
50
100
RECTANGULAR NONREPETITIVE
WAVEFORM TJ = 25°C PRIOR TO
INITIAL PULSE
P.W. PULSE WIDTH (ms)
0.1
0.05
0.03
0.02
0.01
0.005
0.003
0.002
0.001
0.0005
0.0003
0.0002
0.0001
1
2
5
10
20
50
100
200
500
1K
NOMINAL VZ (VOLTS)
Fig. 3-MAXIMUM SURGE POWER
Fig. 4-TYPICAL REVERSE LEAKAGE
8
6
4
2
0
-2
-4
3
4
6
8
10
12
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
200
100
50
40
30
20
10
0
20406080
100
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
Fig. 5 - UNITS TO 12 VOLTS
Fig. 6 - UNITS 10 TO 100 VOLTS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com