Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFB203 Datasheet(PDF) 1 Page - Comchip Technology

Part # CSFB203
Description  SMD Super Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFB203 Datasheet(HTML) 1 Page - Comchip Technology

  CSFB203 Datasheet HTML 1Page - Comchip Technology CSFB203 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 600 Volts
Forward Current: 2.0 Amp
CSFB201 Thru CSFB205
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0210019B
Page 1
SMD Super Fast Recovery Rectifier
SMD Super Fast Recovery Rectifier
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 2.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JL
T j
TSTG
Unit
V
V
V
A
A
V
nS
uA
Note 1: Thermal resistance from junction to lead, 8.0x8.0 mm square (0.13 mm thick) land areas.
CSFB
CSFB
CSFB
CSFB
CSFB
201
202
203
204
205
50
50
35
600
600
420
100
100
70
2.0
-55 to +150
20
5.0
100
-55 to +150
400
400
280
200
200
140
C/W
C
C
C
C
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Super fast recovery time 35-50 nS
Built-in strain relief
Low forward voltage drop
Mechanical Data
Case: JEDEC DO-214AA molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight:0.093 gram
50
0.95
1.3
1.5
35
50
SMB/DO-214AA
Dimensions in inches and (millimeter)
0.008(0.20)
0.203(0.10)
0.083(2.11)
0.075(1.91)
0.096(2.44)
0.083(2.13)
0.050(1.27)
0.030(0.76)
0.155(3.94)
0.130(3.30)
0.185(4.70)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.220(5.59)
0.200(5.08)


Similar Part No. - CSFB203

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFB203-G COMCHIP-CSFB203-G Datasheet
49Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFB203-G COMCHIP-CSFB203-G Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
More results

Similar Description - CSFB203

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFM101 COMCHIP-CSFM101 Datasheet
65Kb / 2P
SMD Super Fast Recovery Rectifier
CSFL101 COMCHIP-CSFL101 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
CSFC301 COMCHIP-CSFC301 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
CSFA101 COMCHIP-CSFA101 Datasheet
67Kb / 2P
SMD Super Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
60HFU TEL-60HFU Datasheet
199Kb / 1P
Super Fast Recovery Rectifier
85HFL TEL-85HFL Datasheet
201Kb / 1P
Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com