Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF-75 Datasheet(PDF) 2 Page - CUI INC

Part # PSF-75
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-75 Datasheet(HTML) 2 Page - CUI INC

  PSF-75 Datasheet HTML 1Page - CUI INC PSF-75 Datasheet HTML 2Page - CUI INC PSF-75 Datasheet HTML 3Page - CUI INC PSF-75 Datasheet HTML 4Page - CUI INC PSF-75 Datasheet HTML 5Page - CUI INC PSF-75 Datasheet HTML 6Page - CUI INC PSF-75 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 12/12/2014
page 2 of 7
CUI Inc
│ SERIES: PSF-75 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
127
264
373
Vac
Vdc
surge voltage
for maximum of 5 seconds
300
Vac
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
1.5
1.0
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
35
70
A
A
leakage current
at 264 Vac
1
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line, at rated load
Vo1, Vo3
±0.5
%
load regulation
10% to 100% rated load
Vo1
Vo3
±0.5
±1.5
%
%
voltage accuracy
Vo1
Vo3
±2
±3
%
%
hold-up time
at 115 Vac, full load
at 230 Vac, full load
8
50
ms
ms
setup time
at 115/230 Vac, full load, cold start
800
ms
rise time
at 115/230 Vac, full load
30
ms
adjustability
Vo1
±10
%
temperature coefficient
Vo1, 0°C~50°C
±0.03
%/°C
AC OK
PSF-75-A, PSF-75-C
PSF-75-B, PSF-75-D
TTL open collector output
relay contact output
battery low
PSF-75-A, PSF-75-B
PSF-75-C, PSF-75-D
<12 V ±3%
<22 V ±3%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
Vo1, latch off mode
115
150
%
over current protection
auto recovery, hiccup mode
Vo1, Vo3
Vo2
110
100
%
%
battery cut off
PSF-75-A, PSF-75-B
PSF-75-C, PSF-75-D
9.5
19
10
20
10.5
21
Vdc
Vdc
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to ground
output to ground
3,000
1,500
500
Vac
Vac
Vac
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals
UL 60950-1, EN 60950-1
EMI/EMC1
EN 55022, EN 61000-6-(1,3), EN 61000-3-(2,3),
EN 55024, EN 50204, EN 61204-3, EN 61000-4-(2, 3, 4, 5, 6, 8, 11)
MTBF
PSF-75-A, PSF-75-B as per MIL-HDBK-217F
PSF-75-C, PSF-75-D as per MIL-HDBK-217F
125,600
105,200
hrs
hrs
RoHS
2011/65/EU
Note:
1. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com