Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF-75-A Datasheet(PDF) 6 Page - CUI INC

Part # PSF-75-A
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-75-A Datasheet(HTML) 6 Page - CUI INC

  PSF-75-A Datasheet HTML 1Page - CUI INC PSF-75-A Datasheet HTML 2Page - CUI INC PSF-75-A Datasheet HTML 3Page - CUI INC PSF-75-A Datasheet HTML 4Page - CUI INC PSF-75-A Datasheet HTML 5Page - CUI INC PSF-75-A Datasheet HTML 6Page - CUI INC PSF-75-A Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 12/12/2014
page 6 of 7
CUI Inc
│ SERIES: PSF-75 │ DESCRIPTION: AC-DC POWER SUPPLY
Notes:
1. All specifications measured at 25°C, 230Vac input voltage, and rated power unless otherwise noted.
PSF-75-B & PSF-75-D
Alarm Signal for AC OK and Battery Low
Internal Circuit of AC OK and Battery Low
Function
Description
Alarm Output
AC OK
The signal is low when the power
supply turns on
Low or short
The signal is high when the power
supply turns off
High/open
(external voltage < 30 V)
Battery
Low
The signal is low when the voltage of
the battery is below:
12 V (PSF-75-B), 22 V (PSF-75-D)
Low or short
The signal is high when the voltage of
the battery is above:
12 V (PSF-75-B), 22 V (PSF-75-D)
High/open
(external voltage < 30 V)
Notes:
1. Alarm signal is sent out through “AC OK” and “Battery Low” pins (relay contact type).
2. An external voltage source is required for this function. The maximum applied voltage is 30 V and the maximum sink current is 1 A.
BATTERY CHARGING SPECIFICATIONS (CONTINUED)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com