Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF-75-B Datasheet(PDF) 3 Page - CUI INC

Part # PSF-75-B
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-75-B Datasheet(HTML) 3 Page - CUI INC

  PSF-75-B Datasheet HTML 1Page - CUI INC PSF-75-B Datasheet HTML 2Page - CUI INC PSF-75-B Datasheet HTML 3Page - CUI INC PSF-75-B Datasheet HTML 4Page - CUI INC PSF-75-B Datasheet HTML 5Page - CUI INC PSF-75-B Datasheet HTML 6Page - CUI INC PSF-75-B Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 12/12/2014
page 3 of 7
CUI Inc
│ SERIES: PSF-75 │ DESCRIPTION: AC-DC POWER SUPPLY
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
90
%
vibration
at 10~500 Hz, 10 min per cycle for 60 minutes
each test along the X, Y, and Z axis
2
G
DERATING CURVES
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
open frame: 123 x 95 x 31
enclosed: 129.5 x 97.5 x 37.5
mm
mm
weight
open frame
enclosed
0.33
0.46
kg
kg
Load vs. Temperature
Load vs. Input Voltage
(at 25°C)
100
80
60
40
20
Ambient Temperature (°C)
Safe operating area
40
30
20
10
0
-10
-20
0
50
60
70
50
100
80
60
40
20
Input Voltage (Vac) 60 Hz
120
115
110
105
100
95
90
0
264
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com