Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF-75-D Datasheet(PDF) 4 Page - CUI INC

Part # PSF-75-D
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSF-75-D Datasheet(HTML) 4 Page - CUI INC

  PSF-75-D Datasheet HTML 1Page - CUI INC PSF-75-D Datasheet HTML 2Page - CUI INC PSF-75-D Datasheet HTML 3Page - CUI INC PSF-75-D Datasheet HTML 4Page - CUI INC PSF-75-D Datasheet HTML 5Page - CUI INC PSF-75-D Datasheet HTML 6Page - CUI INC PSF-75-D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 12/12/2014
page 4 of 7
CUI Inc
│ SERIES: PSF-75 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING
units: mm
units: mm
CNF
OPEN FRAME
CN1 Pin Connections
PIN
Function
1
AC/L
2
AC/N
3
FG ⏚
4
-Vo1
5
+Vo1
6
+Vo2 (+ BAT)
71
-Vo2 (- BAT)
82
+Vo3 (+5 V)
CN1 Pin Connections
PIN
Function
1
AC/L
2
AC/N
3
FG ⏚
4
-Vo1
5
+Vo1
6
+Vo2 (+ BAT)
71
-Vo2 (- BAT)
82
+Vo3 (+5 V)
CN2 Pin Connections
PIN
Function
PSF-75-A, PSF-75-C3
1
AC OK
2
BAT LOW
3
PSF-75-A: (13.8 V/20 mA)
PSF-75-C: (27.6 V/20 mA)
PSF-75-B, PSF-75-D4
1 2
AC OK
3 4
BAT LOW
CN2 Pin Connections
PIN
Function
PSF-75-A, PSF-75-C3
1
AC OK
2
BAT LOW
3
PSF-75-A: (13.8 V/20 mA)
PSF-75-C: (27.6 V/20 mA)
PSF-75-B, PSF-75-D4
1 2
AC OK
3 4
BAT LOW
Notes:
1. To protect product damage do not connect the GND port with -BAT port.
2. PSF-75-B and PSF-75-D only.
3. For PSF-75-A & PSF-75-C, CN2 mates with JST XHP-3 or equivalent
and JST SXH-001 T-P0.6 or equivalent.
4. For PSF-75-B & PSF-75-D, CN2 mates with JST XHP-4 or equivalent
and JST SXH-001 T-P0.6 or equivalent.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com