Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGRB302 Datasheet(PDF) 2 Page - Comchip Technology

Part # CGRB302
Description  SMD Genenal Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRB302 Datasheet(HTML) 2 Page - Comchip Technology

  CGRB302 Datasheet HTML 1Page - Comchip Technology CGRB302 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves (CGRB301 Thru CGRB307)
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0301002A
Page 2
SMD Genenal Purpose Rectifier
SMD Genenal Purpose Rectifier
Fig. 1 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 - Current Derating Curve
0
1.5
3.0
175
0
25
50
75
100
125
150
0
20
40
60
80
100
120
140
0.5
1.0
2.5
2.0
Fig. 5 - Non Repetitive Forward
Surge Current
120
100
80
60
40
20
0
1
5
10
50
1 00
Number of Cycles at 60Hz
1000
100
10
1.0
0.1
0.01
Fig. 3 - Junction Capacitance
Reverse Voltage (V)
0.1
1.0
10
100
1
10
100
20
Single Phase
Half wave 60Hz
Resistive or inductive Load
Ambient Temperature ( C)
Tj=25 C
8.3mS Single Half Sine
Wave JEDEC methode
Tj=25 C
Tj=125 C
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
Forward Voltage (V)
Fig.2 - Forward Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1.0
0.1
0.01
Tj=25 C
Pulse width 300uS
4% duty cycle
3.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com