Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGRC506 Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRC506
Description  SMD Genenal Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRC506 Datasheet(HTML) 1 Page - Comchip Technology

  CGRC506 Datasheet HTML 1Page - Comchip Technology CGRC506 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass Passivated Type
Reverse Voltage: 50 - 1000 Volts
Forward Current: 5.0 Amp
CGRC501 Thru CGRC507
SMD Genenal Purpose Rectifier
SMD Genenal Purpose Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 5.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=125
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
T j
TSTG
Maximum Ratings and Electrical Characterics
Unit
V
V
V
A
A
V
uA
MDS0211010A
Page 1
Note 1: Thermal resistance from junction to ambient.
CGRC
501
CGRC
502
50
50
35
1000
1000
700
600
600
420
400
400
280
100
100
70
100
5.0
-55 to +150
50
10
250
-55 to +150
CGRC
507
CGRC
506
CGRC
505
CGRC
504
CGRC
503
800
800
560
200
200
140
C/W
C
C
C
C
SMC/DO-214AB
Dimensions in inches and (millimeter)
0.008(0.20)
0.0203(0.10)
0.124(3.15)
0.108(2.75)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.245(6.22)
0.220(5.59)
0.280(7.11)
0.260(6.60)
0.012(0.31)
0.006(0.15)
0.320(8.13)
0.305(7.75)
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Built-in strain relief
Low forward voltage drop
Mechanical data
Case: JEDEC DO-214AB molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight: 0.21 gram
1.15


Similar Part No. - CGRC506

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRC506-G COMCHIP-CGRC506-G Datasheet
45Kb / 2P
SMD General Purpose Rectifiers
CGRC506-G COMCHIP-CGRC506-G Datasheet
59Kb / 2P
SMD General Purpose Rectifiers
More results

Similar Description - CGRC506

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
CGRM4001 COMCHIP-CGRM4001 Datasheet
61Kb / 2P
SMD Genenal Purpose Rectifier
CGRL4001 COMCHIP-CGRL4001 Datasheet
70Kb / 2P
SMD Genenal Purpose Rectifier
CGRL0501 COMCHIP-CGRL0501 Datasheet
69Kb / 2P
SMD Genenal Purpose Rectifier
CGRC301 COMCHIP-CGRC301 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRB301 COMCHIP-CGRB301 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRB201 COMCHIP-CGRB201 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRA4001 COMCHIP-CGRA4001 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRA151 COMCHIP-CGRA151 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
SMD Genenal Purpose Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com