Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI6-E Datasheet(PDF) 1 Page - CUI INC

Part # SWI6-E
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI6-E Datasheet(HTML) 1 Page - CUI INC

  SWI6-E Datasheet HTML 1Page - CUI INC SWI6-E Datasheet HTML 2Page - CUI INC SWI6-E Datasheet HTML 3Page - CUI INC SWI6-E Datasheet HTML 4Page - CUI INC SWI6-E Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 12/16/2015
page 1 of 5
SERIES: SWI6-E
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI6-3.3-E
3.3
1.5
4.95
100
VI
SWI6-5-E
5
1.5
7.5
100
VI
SWI6-5.9-E
5.9
1.2
7.08
100
VI
SWI6-7.5-E
7.5
1.0
7.5
100
VI
SWI6-9-E
9
0.67
6.03
100
VI
SWI6-12-E
12
0.6
7.2
120
VI
SWI6-15-E
15
0.5
7.5
150
VI
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerceramicand47μFlowESRelectrolyticcapacitors.
FEATURES
• up to 6 W continuous power
• DOE Level VI, CEC, ErP Stage 2
• no load power consumption < 0.1 W
• compact size
• universal input voltage range
• over voltage, over current, and short circuit protections
•CEsafetyapprovals
PART NUMBER KEY
Base Number
ReservedforCustom
Configurations
SWI6 - XX - E - XXX - CXX
DCPlugType:
XXX = See output plug options
on page 4 for more details
ST = Stripped and Tinned
Output Voltage
ACInputType:
Europe
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SWI6-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI6-E CUI-SWI6-E Datasheet
564Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
SWI6-E CUI-SWI6-E_V01 Datasheet
564Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
More results

Similar Description - SWI6-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com