Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRM101 Datasheet(PDF) 1 Page - Comchip Technology

Part # CFRM101
Description  SMD Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRM101 Datasheet(HTML) 1 Page - Comchip Technology

  CFRM101 Datasheet HTML 1Page - Comchip Technology CFRM101 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.0 Amp
CFRM101 Thru CFRM107
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0208017B
Page 1
0.146(3.70)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.110(2.80)
0.094(2.40)
0.063(1.60)
0.055(1.40)
0.035(0.90) Typ.
0.035(0.90) Typ.
MINI SMA
Dimensions in inches and (millimeter)
0.161(4.10)
SMD Fast Recovery Rectifier
SMD Fast Recovery Rectifier
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Exceeds environmental standard MIL-S-
19500/228
Low leakage current
Mechanical data
Case: Mini SMA/SOD-123 molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight: 0.04 gram
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Typical. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JA
T j
TSTG
Unit
V
V
V
A
A
V
nS
uA
C/W
Note 1: Thermal resistance from junction to ambient.
CFRM
101
CFRM
102
50
50
35
600
600
420
100
100
70
30
1.0
1.3
-55 to +150
32
5.0
50
-55 to +150
CFRM
107
CFRM
106
CFRM
105
CFRM
104
CFRM
103
800
800
560
400
400
280
200
200
140
1000
1000
700
500
100
250
C
C
C
C


Similar Part No. - CFRM101

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G_12 Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
More results

Similar Description - CFRM101

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFL101 COMCHIP-CSFL101 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
CFRL101 COMCHIP-CFRL101 Datasheet
74Kb / 2P
SMD Fast Recovery Rectifier
CFRC301 COMCHIP-CFRC301 Datasheet
68Kb / 2P
SMD Fast Recovery Rectifier
CFRB201 COMCHIP-CFRB201 Datasheet
68Kb / 2P
SMD Fast Recovery Rectifier
CFRA151 COMCHIP-CFRA151 Datasheet
67Kb / 2P
SMD Fast Recovery Rectifier
CFRA101 COMCHIP-CFRA101 Datasheet
67Kb / 2P
SMD Fast Recovery Rectifier
CEFA101-G COMCHIP-CEFA101-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101-G COMCHIP-CEFL101-G Datasheet
58Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRA101-G COMCHIP-CFRA101-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRB201-G COMCHIP-CFRB201-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com