Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC418AJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC418AJ
Description  Dual High-Speed, Low-Power Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC418AJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC418AJ Datasheet HTML 1Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 2Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 3Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 6Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 7Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 8Page - National Semiconductor (TI) CLC418AJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
130MHz bandwidth (Av = +2)
s
96mA output current
s
1.5mA supply current
s
-85/-75dBc HD2/HD3
s
15ns settling to 0.2%
s
-74dBc input-referred crosstalk (5MHz)
s
Single version available (CLC408)
Applications
s
ADSL/HDSL driver
s
Coaxial cable driver
s
UTP differential line driver
s
Transformer/coil driver
s
High capacitive-load driver
s
Video line driver
s
Portable/battery-powered line driver
s
Differential A/D driver
418 Pinout
Vo1
Vinv1
Vnon-inv1
VEE
Vo2
Vinv2
Vnon-inv2
VCC
+
-
1/2
CLC418
418 Typ App Diag
Rg2
+
Vo
-
-
+
Rt2
Rf2
Rf1
Rg1
1/2
CLC418
Vin
Rt1
Rm/2
Rm/2
RL
Zo
UTP
Io
Req
I:n
Vd/2
-Vd/2
Typical Application Diagram
Differential Line Driver
with Load Impedance Conversion
Pinout
DIP & SOIC
General Description
The Comlinear CLC418 dual high-speed current-feedback
operational amplifier is designed to drive low-impedance and
high capacitance loads while maintaining high signal fidelity.
Operating on ±5V power supplies, each of the CLC418’s
amplifiers produces a continuous 96mA output current. Into a
back-terminated 50
Ω load, the devices produce -85/-64dBc
second/third harmonic distortion (Av = +2, Vo = 2Vpp, f = 1MHz).
The CLC418’s current-feedback architecture maintains consistent
performance over a wide range of gain and signal levels. DC gain
and bandwidth can be set independently. With proper resistor
selection, either maximally flat gain response or linear phase
response can be selected.
Requiring a mere 15mW quiescent power per amplifier, the
CLC418 offers superior performance-vs-power with a 130MHz
small-signal bandwidth, 350V/ms slew rate and quick 4.6ns
rise/fall times (2Vstep). The combination of low quiescent power,
high output current drive and high performance make the
CLC418 a great choice for many battery-powered personal
communication/computing systems.
Combining the CLC418’s two amplifiers (shown below) results in
a powerful differential line driver for driving video signals over
unshielded twisted-pair (UTP). The CLC418 can also be used for
driving differential-input step-up transformers for applications
such as Asynchronous Digital Subscriber Lines (ADSL) or High-
Bit-Rate Digital Subscriber Lines (HDSL).
The CLC418’s amplifiers make excellent low-power high-
resolution A-to-D converter drivers with their very fast 15ns set-
tling time (to 0.2%) and ultra-low -85/-75dBc harmonic distortion
(Av = +2, Vo = 2Vpp, f = 1MHz, RL = 1kΩ).
Non-Inverting Frequency Response
(Av = +2V/V, RL = 100
Ω)
Frequency (Hz)
418 Freq. Resp. Plot
10M
1M
100M
Comlinear CLC418
Dual High-Speed, Low-Power Line Driver
N
August 1996
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC418AJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
logo
Texas Instruments
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
Fast Settling, Video Op Amp
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
National Semiconductor ...
CLC411A8B NSC-CLC411A8B Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
More results

Similar Description - CLC418AJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9638 NSC-DS9638 Datasheet
199Kb / 6P
RS-422 Dual High Speed Differential Line Driver
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
CLC408 NSC-CLC408 Datasheet
199Kb / 12P
Comlinear CLC408 High-Speed, Low-Power Line Driver
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
Low-power dual buffer/line driver
Rev. 01-9 October 2006
logo
Texas Instruments
DS9638QML TI1-DS9638QML Datasheet
229Kb / 10P
RS-422 Dual High Speed Differential Line Driver
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
DS9638 TI1-DS9638_15 Datasheet
825Kb / 12P
RS-422 Dual High Speed Differential Line Driver
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com