Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRA152 Datasheet(PDF) 1 Page - Comchip Technology

Part # CFRA152
Description  SMD Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRA152 Datasheet(HTML) 1 Page - Comchip Technology

  CFRA152 Datasheet HTML 1Page - Comchip Technology CFRA152 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.5 Amp
CFRA151 Thru CFRA157
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0210006B
Page 1
SMD Fast Recovery Rectifier
SMD Fast Recovery Rectifier
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Fast recovery time: 150 - 500 nS
Low leakage current
Mechanical data
Case: JEDEC DO-214AC molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight: 0.063 gram
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.5 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JA
T j
TSTG
Unit
V
V
V
A
A
V
nS
uA
Note 1: Thermal resistance from junction to ambient.
CFRA
151
CFRA
152
50
50
35
600
600
420
100
100
70
50
1.5
1.3
-55 to +150
53
5.0
50
-55 to +150
CFRA
157
CFRA
156
CFRA
155
CFRA
154
CFRA
153
800
800
560
400
400
280
200
200
140
1000
1000
700
500
100
250
Dimensions in inches and (millimeters)
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
DO-214AC (SMA)
C/W
C
C
C
C


Similar Part No. - CFRA152

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRA152-G COMCHIP-CFRA152-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results

Similar Description - CFRA152

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFL101 COMCHIP-CSFL101 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
CFRM101 COMCHIP-CFRM101 Datasheet
65Kb / 2P
SMD Fast Recovery Rectifier
CFRL101 COMCHIP-CFRL101 Datasheet
74Kb / 2P
SMD Fast Recovery Rectifier
CFRC301 COMCHIP-CFRC301 Datasheet
68Kb / 2P
SMD Fast Recovery Rectifier
CFRB201 COMCHIP-CFRB201 Datasheet
68Kb / 2P
SMD Fast Recovery Rectifier
CFRA101 COMCHIP-CFRA101 Datasheet
67Kb / 2P
SMD Fast Recovery Rectifier
CEFA101-G COMCHIP-CEFA101-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101-G COMCHIP-CEFL101-G Datasheet
58Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRA101-G COMCHIP-CFRA101-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRB201-G COMCHIP-CFRB201-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com