Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3400-R3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT3400-R3
Description  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3400-R3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT3400-R3 Datasheet HTML 1Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 2Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 3Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 4Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 5Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 6Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 7Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 8Page - CT Micro International Corporation CT3400-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 6
Proprietary & Confidential
Page 1
Aug. 2015
CT3400-R3
N-Channel Enhancement MOSFET
Package Outline
Schematic
Features
• Drain-Source Breakdown Voltage VDSS 30 V
• Drain-Source On-Resistance
RDS(ON) 23.5m
Ω, at VGS= 10V, IDS= 6.0A
RDS(ON) 26.5m
Ω, at VGS= 4.5V, IDS= 5.0A
• Continuous Drain Current at TA=25℃ ID = 5.8A
• Advanced high cell density Trench Technology
• RoHS Compliance & Halogen Free
Applications
• Power Management
• LED Display
• DC-DC System
• LCD Panel
Description
The CT3400-R3 uses high performance Trench
Technology to provide excellent RDS(ON) and low gate
charge which is suitable for most of the synchronous
buck converter applications .
Gate
Source
Drain
Gate
Drain
Source


Similar Part No. - CT3400-R3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3400A-R3 CTMICRO-CT3400A-R3 Datasheet
3Mb / 11P
N-Channel Enhancement MOSFET
More results

Similar Description - CT3400-R3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com