Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3401-R3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT3401-R3
Description  P-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3401-R3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT3401-R3 Datasheet HTML 1Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 2Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 3Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 4Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 5Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 6Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 7Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 8Page - CT Micro International Corporation CT3401-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 1
Jun, 2015
CT3401-R3
P-Channel Enhancement MOSFET
Package Outline
Schematic
Features
• Drain-Source Breakdown Voltage VDSS - 30 V
• Drain-Source On-Resistance
RDS(ON) 53m
, at VGS= - 10V, IDS= - 4.1A
RDS(ON) 64m
, at VGS= - 4.5V, IDS= - 4.0A
RDS(ON) 86m
, at VGS= - 2.5V, IDS= - 1.0A
• Continuous Drain Current at TA=25℃ ID = - 4.1A
• Advanced high cell density Trench Technology
• RoHS Compliance & Halogen Free
Applications
• Power Management
• LCD Display inverter
• Load Switch
Description
The CT3401-R3 uses high performance Trench
Technology to provide excellent RDS(ON) and low gate
charge which is suitable for low voltage
application.
Gate
Source
Drain
Source
Gate
Drain


Similar Part No. - CT3401-R3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3401A-R3 CTMICRO-CT3401A-R3 Datasheet
574Kb / 11P
P-Channel Enhancement MOSFET
More results

Similar Description - CT3401-R3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com