Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRL103 Datasheet(PDF) 1 Page - Comchip Technology

Part # CFRL103
Description  SMD Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRL103 Datasheet(HTML) 1 Page - Comchip Technology

  CFRL103 Datasheet HTML 1Page - Comchip Technology CFRL103 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.0 Amp
CFRL101 Thru CFRL107
Maximum Ratings and Electrical Characterics
MDS0210005B
Page 1
SMD Fast Recovery Rectifier
SMD Fast Recovery Rectifier
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Fast recovery time: 150 - 500 nS
Low leakage current
Mechanical data
Case: DO-213AB molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight: 0.116 gram
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JA
T j
TSTG
Unit
V
V
V
A
A
V
nS
uA
Note 1: Thermal resistance from junction to ambient.
CFRL
101
CFRL
102
50
50
35
600
600
420
100
100
70
30
1.0
1.3
-55 to +150
42
5.0
50
-55 to +150
CFRL
107
CFRL
106
CFRL
105
CFRL
104
CFRL
103
800
800
560
400
400
280
200
200
140
1000
1000
700
500
100
250
C/W
C
C
C
C
Dimensions in inches and (millimeters)
0.205(5.2)
0.195(4.8)
0.022(0.55)
Max.
0.105(2.67)
0.095(2.40)
DO-213AB (Plastic Melf)
www.comchiptech.com
COMCHIP
COMCHIP


Similar Part No. - CFRL103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
Carbon Film Resistors Normal & Miniature Style
logo
TE Connectivity Ltd
CFR TEC-CFR Datasheet
333Kb / 4P
Carbon film fixed Resistors
CFR TEC-CFR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
YAGEO Corporation
CFR YAGEO-CFR Datasheet
1Mb / 16P
CARBON FILM RESISTORS
April 3, 2024 V.3
CFR -25 YAGEO-CFR -25 Datasheet
1Mb / 16P
CARBON FILM RESISTORS
April 3, 2024 V.3
More results

Similar Description - CFRL103

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFL101 COMCHIP-CSFL101 Datasheet
74Kb / 2P
SMD Super Fast Recovery Rectifier
CFRM101 COMCHIP-CFRM101 Datasheet
65Kb / 2P
SMD Fast Recovery Rectifier
CFRC301 COMCHIP-CFRC301 Datasheet
68Kb / 2P
SMD Fast Recovery Rectifier
CFRB201 COMCHIP-CFRB201 Datasheet
68Kb / 2P
SMD Fast Recovery Rectifier
CFRA151 COMCHIP-CFRA151 Datasheet
67Kb / 2P
SMD Fast Recovery Rectifier
CFRA101 COMCHIP-CFRA101 Datasheet
67Kb / 2P
SMD Fast Recovery Rectifier
CEFA101-G COMCHIP-CEFA101-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101-G COMCHIP-CEFL101-G Datasheet
58Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRA101-G COMCHIP-CFRA101-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRB201-G COMCHIP-CFRB201-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com