Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT4504ST2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CT4504ST2
Description  High CMR, 1Mbit/s High Speed Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT4504ST2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CT4504ST2 Datasheet HTML 1Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 2Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 3Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 4Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 5Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 6Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 7Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 8Page - CT Micro International Corporation CT4504ST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Jul, 2015
CT4504
High CMR, 1Mbit/s High Speed Optocoupler
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
Propagation Delay Time
Logic High to Logic Low
IF=16mA, VCC=5.0V, RL=1.9k ,
CL=15pF, VTHHL=1.5V, TA=25°C
-
0.24
0.3
µs
IF=16mA, VCC=5.0V, RL=1.9k ,
CL=15pF,VTHHL=1.5V
-
0.24
0.5
IF=12mA, VCC=15.0V, RL=20k ,
CL=100pF, VTHHL=1.5V, TA=25°C
-
0.58
0.7
IF=12mA, VCC=15.0V, RL=20k ,
CL=100pF, VTHHL=1.5V
-
-
1.0
TPLH
Propagation Delay Time
Logic Low to Logic High
IF=16mA, VCC=5.0V, RL=1.9k ,
CL=15pF, VTHLH=1.5V ,TA=25°C
-
0.21
0.5
µs
IF=16mA, VCC=5.0V, RL=1.9k ,
CL=15pF, VTHLH=1.5V
-
0.21
0.7
IF=12mA, VCC=15.0V, RL=20k ,
CL=100pF, VTHLH=2.0V,TA=25°C
-
0.76
1.1
IF=12mA, VCC=15.0V, RL=20k ,
CL=100pF, VTHLH=2.0V
-
0.76
1.4
TPLH-TPHL
Propagation Delay
Difference
IF=12mA, VCC=15.0V, RL=20k ,
CL=100pF,VTHHL=1.5V ,VTHLH=2.0V ,
TA=25°C
-0.4
0.3
0.9
µs
IF=12mA, VCC=15.0V,
RL=20k ,
CL=100pF
-0.7
0.3
1.3
CMH
Common Mode Transient
Immunity at Logic High
IF = 0mA , VCM=1.5kVp-p,VCC=5V,
RL=1.9k , CL=15pF, TA =25°C
15000
30000
-
V/µs
IF = 0mA , VCM=1.5kVp-p,
VCC=15V, RL=20k , CL=100pF, TA
=25°C
15000
30000
-
CML
Common Mode Transient
Immunity at Logic Low
IF = 12mA , VCM=1.5kVp-p,VCC=5V,
RL=1.9k , CL=15pF, TA =25°C
15000
30000
-
V/µs
IF = 16mA , VCM=1.5kVp-p,
VCC=15V, RL=20k , CL=100pF, TA
=25°C
15000
30000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com