Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH217XDVT2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTH217XDVT2
Description  DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTH217XDVT2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTH217XDVT2 Datasheet HTML 1Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 2Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 3Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 4Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 5Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 6Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 7Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 8Page - CT Micro International Corporation CTH217XDVT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CT Micro
Rev.3
Proprietary & Confidential
Page 1
Jan, 2016
CTH217 Series
DC Input 4-Pin Half Pitch Mini-Flat
Phototransistor Optocoupler
Package Outline
Schematic
Features
•
•
•
•
High isolation 3750 VRMS
•
•
•
•
Multiple CTR selection available
•
•
•
•
DC input with transistor output
•
•
•
•
Operating temperature range - 55 °C to 125 °C
•
•
•
•
RoHS compliance
•
•
•
•
REACH compliance
•
•
•
•
Halogen compliance
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Description
These series of general purpose optocoupler
consists of a photo transistor optically coupled to a
gallium arsenide Infrared-emitting diode in a 4-lead
half pitch Mini-Flat package.
Applications
•
•
•
•
DC-DC Converters
•
•
•
•
Programmable controllers
•
•
•
•
Telecommunication equipment
•
•
•
•
Hybrid substrates that require high density
mounting


Similar Part No. - CTH217XDVT2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214CTH214 CTMICRO-CTH214CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214XAT1 CTMICRO-CTH214XAT1 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214XAT2 CTMICRO-CTH214XAT2 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
More results

Similar Description - CTH217XDVT2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT354 CTMICRO-CT354 Datasheet
1Mb / 10P
AC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH214CTH214 CTMICRO-CTH214CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010-W CTMICRO-CT1010-W Datasheet
1Mb / 12P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH247 CTMICRO-CTH247 Datasheet
1Mb / 12P
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
Rev.2 Mar, 2022
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com