Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTL046PS02E-R3 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CTL046PS02E-R3
Description  P-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL046PS02E-R3 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CTL046PS02E-R3 Datasheet HTML 1Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 2Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 3Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 4Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 5Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 6Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 7Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 8Page - CT Micro International Corporation CTL046PS02E-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Jun, 2015
CTL046PS02E-R3
P-Channel Enhancement MOSFET
Drain-Source Diode Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VSD
Body Diode Forward Voltage
VGS = 0V, ISD = -1.0A
-0.7
-1.1
V
ISD
Body Diode Continuous Current
-
-
-1
A
1
Note:
1. The power dissipation is limited by 150
℃ junction temperature.
2. Device mounted on a glass-epoxy board
3. The data tested by pulsed , pulse width
300
µs , duty cycle
2%
4. Thermal Resistance follow JESD51-3.
FR-4
25.4 × 25.4 mm .
2 Oz Copper
Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com