Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEFA104 Datasheet(PDF) 1 Page - Comchip Technology

Part # CEFA104
Description  SMD Efficient Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CEFA104 Datasheet(HTML) 1 Page - Comchip Technology

  CEFA104 Datasheet HTML 1Page - Comchip Technology CEFA104 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 600 Volts
Forward Current: 1.0 Amp
CEFA101 Thru CEFA105
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0210003B
Page 1
SMD Efficient Fast Recovery Rectifier
SMD Efficient Fast Recovery Rectifier
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
Trr
I R
R JL
T j
TSTG
Unit
V
V
V
A
A
V
nS
uA
Note 1: Thermal resistance from junction to lead P.C.B. Mounted on 8.0x8.0 mm copper pad areas.
CEFA
CEFA
CEFA
CEFA
CEFA
101
102
103
104
105
50
50
35
600
600
420
100
100
70
1.0
-55 to +150
25
5.0
250
-55 to +150
400
400
280
200
200
140
C/W
C
C
C
C
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Super fast recovery time for high efficient
Built-in strain relief
Low forward voltage drop
Mechanical Data
Case: JEDEC DO-214AC molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight:0.063 gram
30
0.875
1.1
1.25
25
35
50
Dimensions in inches and (millimeters)
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
DO-214AC (SMA)


Similar Part No. - CEFA104

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFA104-G COMCHIP-CEFA104-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA104-G COMCHIP-CEFA104-G Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
More results

Similar Description - CEFA104

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CEFM101 COMCHIP-CEFM101 Datasheet
66Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101 COMCHIP-CEFL101 Datasheet
75Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFC301 COMCHIP-CEFC301 Datasheet
68Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA201 COMCHIP-CEFA201 Datasheet
67Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA101-G COMCHIP-CEFA101-G Datasheet
108Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFA201-G COMCHIP-CEFA201-G Datasheet
106Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFB101-G COMCHIP-CEFB101-G Datasheet
126Kb / 2P
SMD Efficient Fast Recovery Rectifier
CEFL101-G COMCHIP-CEFL101-G Datasheet
58Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRA101-G COMCHIP-CFRA101-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
CFRB201-G COMCHIP-CFRB201-G Datasheet
70Kb / 2P
SMD Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com