Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSS355 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSS355
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSS355 Datasheet(HTML) 1 Page - Comchip Technology

  CDSS355 Datasheet HTML 1Page - Comchip Technology CDSS355 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed
CDSS355
Features
Designed for mounting on small surface.
High speed switching.
High mounting capability, strong surge
withstand, high reliability.
Mechanical data
Case: 0805(2012) standard package,
molded plastic.
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026.
Polarity: Indicated by cathode band.
Mounting position: Any.
Weight: 0.0048 gram (approximately)
SMD Switching Diode
SMD Switching Diode
Parameter
Repetitive peak reverse voltage
Reverse voltage
Average forward current
Forward current , surge peak
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM
VR
IO
IFSM
PD
TSTG
T j
Min
-55
-55
Max
90
80
100
300
+125
+125
Unit
V
uA
pF
nS
Typ
1000
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Conditions
I F = 100 mA DC
VR = 80 V
f =1MHz, and 1 VDC reverse voltage
VR = 6V, IF = 10 mA, RL =50 ohms
Symbol
VF
IR
CT
Trr
Min Typ Max
1.00
0.1
3
4
Unit
V
V
mA
mA
mW
www.comchip.com.tw
COMCHIP
COMCHIP
Page 1
Maximum Rating ( at T A = 25
unless otherwise noted )
C
C
Electrical Characteristics ( at T A = 25
unless otherwise noted )
C
C
C
C
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
0.087(2.20)
0.079(2.00)
0.016(0.40) Typ
0.055(1.40)
0.047(1.20)
0.043 (1.10)
0.035(0.90)
0.008(R0.20) Typ.
Dimensions in inches and (millimeter)
0805(2012)
RDS0208004-C


Similar Part No. - CDSS355

ManufacturerPart #DatasheetDescription
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
High Speed
logo
Cystech Electonics Corp...
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
100V/100mA SURFACE MOUNT SWITCHING DIODE
CDSS355CY CYSTEKEC-CDSS355CY Datasheet
146Kb / 3P
75V/150mA SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - CDSS355

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com