Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS4N65FS Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS4N65FS
Description  650V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS4N65FS Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS4N65FS Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS4N65FS Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS4N65FS Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS4N65FS Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS4N65FS Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS4N65FS Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS4N65FS Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
024
6
8
10
0
2
4
6
8
10
12
Q
G, Total Gate Charge [nC]
* Note : I
D = 4.0A
V
DS = 325V
V
DS = 130V
V
DS = 520V
10
-1
10
0
10
1
0
100
200
300
400
500
600
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
23
45
67
89
10
0.1
1
10
-25
oC
25
oC
* Notes :
1. V
DS= 30V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
150
oC
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
150
oC
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
10.0 V
9.0 V
8.0 V
7.0 V
6.0 V
5.0 V
Bottom : 4.0 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
01
23
45
67
8
0
2
4
6
8
I
D, Drain Current[A]
V
GS = 10V
V
GS = 20V
* Note : T
J = 25
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com