Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1650 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT1650
Description  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT1650 Datasheet HTML 9Page - Richtek Technology Corporation RT1650 Datasheet HTML 10Page - Richtek Technology Corporation RT1650 Datasheet HTML 11Page - Richtek Technology Corporation RT1650 Datasheet HTML 12Page - Richtek Technology Corporation RT1650 Datasheet HTML 13Page - Richtek Technology Corporation RT1650 Datasheet HTML 14Page - Richtek Technology Corporation RT1650 Datasheet HTML 15Page - Richtek Technology Corporation RT1650 Datasheet HTML 16Page - Richtek Technology Corporation RT1650 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
13
IBat_full = 50mA
COMM1
(5V/Div)
VRECT
(2V/Div)
VOUT
(2V/Div)
IOUT
(100mA/Div)
Time (100ms/Div)
Battery Full Detection
VADD = 10V, MODE0 = 0, MODE1 = 0
VRECT
(5V/Div
VOUT
(5V/Div)
VADD
(5V/Div)
Time (200ms/Div)
Default Mode
VADD = 10V, MODE0 = 1, MODE1 = 0
VRECT
(5V/Div)
VOUT
(5V/Div)
VADD
(5V/Div)
Time (200ms/Div)
Adapter Mode
VADD = 10V, MODE0 = 0, MODE1 = 1
VRECT
(5V/Div)
VOUT
(5V/Div)
VADD
(5V/Div)
Time (200ms/Div)
Wireless Mode
VADD = 10V, MODE0 = 1, MODE1 = 1
VRECT
(5V/Div
VOUT
(5V/Div)
VADD
(5V/Div)
Time (200ms/Div)
Disable Mode
VADD = 10V, MODE0 = 1, MODE1 = 0
VRECT
(5V/Div)
VOUT
(5V/Div)
VADD
(5V/Div)
Time (500ms/Div)
OTG Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com