Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2528 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2528
Description  Power Switch with Adjustable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2528 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2528 Datasheet HTML 1Page - Richtek Technology Corporation RT2528 Datasheet HTML 2Page - Richtek Technology Corporation RT2528 Datasheet HTML 3Page - Richtek Technology Corporation RT2528 Datasheet HTML 4Page - Richtek Technology Corporation RT2528 Datasheet HTML 5Page - Richtek Technology Corporation RT2528 Datasheet HTML 6Page - Richtek Technology Corporation RT2528 Datasheet HTML 7Page - Richtek Technology Corporation RT2528 Datasheet HTML 8Page - Richtek Technology Corporation RT2528 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT2528
2
DS2528-03 November 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 2
VOUT
Output.
3
ILIM
Current Limit Setting. Connect an external resistor to set current limit threshold.
The recommended resistance range is 10k
  RILIM  49.9k.
4
FAULT
Active-Low Open-Drain Output. Asserted during over-current, over-temperature, or
reverse-voltage conditions.
5
EN
Enable Control Input. Logic high turns on the power switch.
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
7, 8
VIN
Power Input. Connect a 10
F or greater ceramic capacitor from the VIN to GND as
close to the IC as possible.
Operation
The RT2528 is a current-limited power switch using
P-MOSFETs for applications where short-circuit or heavy
capacitive loads will be encountered. These devices allow
users to adjust the current limit threshold between 500mA
and 2.5A (typ.) via an external resistor. Additional device
shutdown features include over-temperature protection and
reverse-voltage protection.
The RT2528 provides built-in soft-start function. The driver
controls the gate voltage of the power switch. The driver
incorporates circuitry that controls the rising time and
falling time of the output voltage to limit large inrush current
and voltage surges. The RT2528 enters constant-current
mode when the load exceeds the current limit threshold.
UVLO
Current
Limit
7.5ms
Deglitch
4ms
Deglitch
Thermal
Sense
Drive
Reverse Voltage
Comparator
Switch
well
Current
Sense
+
-
VOUT
ILIM
GND
VIN
FAULT
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com