Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9080 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9080
Description  600mA Low-Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9080 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9080 Datasheet HTML 1Page - Richtek Technology Corporation RT9080 Datasheet HTML 2Page - Richtek Technology Corporation RT9080 Datasheet HTML 3Page - Richtek Technology Corporation RT9080 Datasheet HTML 4Page - Richtek Technology Corporation RT9080 Datasheet HTML 5Page - Richtek Technology Corporation RT9080 Datasheet HTML 6Page - Richtek Technology Corporation RT9080 Datasheet HTML 7Page - Richtek Technology Corporation RT9080 Datasheet HTML 8Page - Richtek Technology Corporation RT9080 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9080
2
DS9080-00 April 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Configurations
(TOP VIEW)
TSOT-23-5
VIN GND EN
VOUT
SNS/NC
4
23
5
ZQFN-4L 1x1 (ZDFN-4L 1x1)
VOUT
VIN
GND
EN
1
2
3
4
SGND
5
Pin No.
Pin Name
Pin Function
TSOT-23-5 ZQFN-4L 1x1 (ZDFN-4L 1x1)
1
4
VIN
Supply Voltage Input.
2
2
GND
Ground.
3
3
EN
Enable Control Input.
4
--
SNS
Output Voltage Sense. (RT9080N only)
NC
No Internal Connection.
5
1
VOUT
Output of the Regulator.
--
5 (Exposed Pad)
SGND
Substrate of Chip. Leave floating or tie to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com