Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBW120 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBW120
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW120 Datasheet(HTML) 1 Page - Comchip Technology

  CDBW120 Datasheet HTML 1Page - Comchip Technology CDBW120 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDBW120 THRU CDBW1100
Surface Mount Schottky Barrier Rectifier
www.comchiptech.com
COMCHIP
COMCHIP
MDS0407008A
Page 1
SOD-123
Voltage Range 20 to 100V
Current 1.0 Ampere
Dimensions in inches and (millimeters)
.154(3.90)
.016(0.40)Min.
.005(0.12)Max.
.098(2.50)
.110(2.80)
.141(3.60)
Terminals: Solderable per MIL-STD-750
Features
Low forward voltage drop
High current capability
Case: Molded plastic SOD-123
High surge current capability
Weight: 0.01 gram
Polarity:Color band denotes cathode end
method 2026
Mounting position: Any
Epoxy: UL 94V-0 rate flame retardant
Mechanical Data
High reliability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +125 / -55 to +150
CDBW
120
CDBW160
80
60
40
56
42
28
80
60
40
1.0
0.5
10
5.0
30
120
UNIT
V
V
V
V
A
A
mA
oC
pF
20
14
20
SYBMOL
VRRM
VRMS
VDC
I(AV)
IR
CJ
TJ, TSTG
VF
IFSM
CDBW
1100
100
70
100
0.7
0.85
0.5
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
At Rated DC Blocking Voltage @TJ=100
oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage Temperature
TL=100
oC
Half sine-wave superimposed on rated load
(JEDEC Method)
@ 1.0 A
Range
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
CDBW
140
CDBW
180


Similar Part No. - CDBW120

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW120-G COMCHIP-CDBW120-G Datasheet
52Kb / 2P
Schottky Barrier Diode
CDBW120-G COMCHIP-CDBW120-G Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-HF COMCHIP-CDBW120-HF Datasheet
473Kb / 4P
SMD Schottky Barrier Diodes
REV:C
CDBW120R-HF COMCHIP-CDBW120R-HF Datasheet
79Kb / 4P
Low IR SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBW120

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com