Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9728BHGE Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9728BHGE
Description  Power Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728BHGE Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9728BHGE Datasheet HTML 5Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 6Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 7Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 8Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 9Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 10Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 11Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 12Page - Richtek Technology Corporation RT9728BHGE Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9728B
9
DS9728B-00 August 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Static Drain-Source Current vs. VIN - VOUT
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
VIN - VOUT (mV)
VIN = 5.5V, RILIM = 200k
Ω
Static Drain-Source Current vs. VIN - VOUT
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
VIN - VOUT (mV)
VIN = 5.5V, RILIM = 20k
Ω
Current Limit
Short Circuit to No Load
VOUT
(2V/Div)
Fault
(5V/Div)
IIN
(1A/Div)
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω
Time (2.5ms/Div)
Current Limit
Time (2.5ms/Div)
No Load to Short Circuit
VOUT
(2V/Div)
Fault
(5V/Div)
IIN
(1A/Div)
VIN = 5V, COUT = 150
μF,
RILIM = 20k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com