Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV120 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBV120
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV120 Datasheet(HTML) 2 Page - Comchip Technology

  CDBV120 Datasheet HTML 1Page - Comchip Technology CDBV120 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDS0408001A
Page 2
Surface Mount Schottky Barrier Rectifier
www.comchiptech.com
COMCHIP
COMCHIP
RATINGS AND CHARACTERISTIC CURVES CDBV120 THRU CDBV140
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.0
0.6
0.4
0.2
0.8
0
0
50
100
150
LEAD TEMPERATURE,
oC
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
1
2
3
5
4
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
REVERSE VOLTAGE, VOLTS
0.1
1
600
400
300
200
10
15
5.0
20
30 40
100
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
1
3
5
0.01
0.05
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
CDBV
120
CDBV
140
CDBV
130



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com