Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9741 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9741
Description  High-Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9741 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9741 Datasheet HTML 1Page - Richtek Technology Corporation RT9741 Datasheet HTML 2Page - Richtek Technology Corporation RT9741 Datasheet HTML 3Page - Richtek Technology Corporation RT9741 Datasheet HTML 4Page - Richtek Technology Corporation RT9741 Datasheet HTML 5Page - Richtek Technology Corporation RT9741 Datasheet HTML 6Page - Richtek Technology Corporation RT9741 Datasheet HTML 7Page - Richtek Technology Corporation RT9741 Datasheet HTML 8Page - Richtek Technology Corporation RT9741 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RT9741
2
DS9741-01 March 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Description
1
VIN
Power Input.
2
VOUT
Output Voltage.
3
GND
Ground.
Output Voltage
Detection
Gate
Control
VOUT
Charge
Pump
VIN
Bias
GND
Current
Limiting
Auto
Discharge
UVLO
Thermal
Protection
Oscillator
Pin Configurations
(TOP VIEW)
SOT-23-3
VIN
VOUT
GND
2
3
Operation
Charge Pumps and Drivers
An internal charge pump supplies power to the driver circuit
and provides the necessary voltage to pull the gate of the
MOSFET above the source. The driver controls the gate
voltage of the power switch.
Current Limit
The RT9741 continuously monitors the output current for
over-current protection to protect the system power, the
power switch, and the load from damage during output
short circuit. When an overload or short circuit occurs,
the current-sense circuitry sends a control signal to the
driver. The driver reduces the gate voltage and drives the
power MOSFET into its saturation region, which switches
the output into a constant-current mode and holds the
current constant until the thermal shutdown occurs or the
fault is removed.
Under-Voltage Lockout
A voltage-sense circuit monitors the input voltage. When
the input voltage is below approximately 1.3V, UVLO turns
off the MOSFET switch.
Thermal Shutdown
The RT9741 continuously monitors the operating
temperature of the power switch for over-temperature
protection. The RT9741 turns off the power switch to
prevent the device from damage if the junction temperature
rises to approximately 120
°C due to over-current or short-
circuit conditions.
The pass element turns on again after the junction
temperature cools to 80
°C. The
RT9741 lowers its OTP trip level from 120
°C to 100°C
when output short circuit occurs (V
OUT < 1V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com