Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9728C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9728C
Description  Power Switch with Programmable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9728C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9728C Datasheet HTML 5Page - Richtek Technology Corporation RT9728C Datasheet HTML 6Page - Richtek Technology Corporation RT9728C Datasheet HTML 7Page - Richtek Technology Corporation RT9728C Datasheet HTML 8Page - Richtek Technology Corporation RT9728C Datasheet HTML 9Page - Richtek Technology Corporation RT9728C Datasheet HTML 10Page - Richtek Technology Corporation RT9728C Datasheet HTML 11Page - Richtek Technology Corporation RT9728C Datasheet HTML 12Page - Richtek Technology Corporation RT9728C Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
RT9728C
13
DS9728C-00 October 2015
www.richtek.com
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Richtek reserves the right to change the circuitry and/or specifications without notice at any time. Customers should
obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. Richtek cannot
assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek product. Information furnished by Richtek is believed to be
accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Richtek or its subsidiaries.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.350
0.008
0.014
D
1.950
2.050
0.077
0.081
D2
1.000
1.450
0.039
0.057
E
1.950
2.050
0.077
0.081
E2
0.500
0.850
0.020
0.033
e
0.650
0.026
L
0.300
0.400
0.012
0.016
W-Type 6L DFN 2x2 Package
D
1
E
A3
A
A1
e
b
L
D2
E2
SEE DETAIL A
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com