Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV130 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBV130
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV130 Datasheet(HTML) 1 Page - Comchip Technology

  CDBV130 Datasheet HTML 1Page - Comchip Technology CDBV130 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDBV120 THRU CDBV140
Surface Mount Schottky Barrier Rectifier
www.comchiptech.com
COMCHIP
COMCHIP
MDS0408001A
Page 1
Voltage Range 20 to 40V
Current 1.0 Ampere
SOD-323
Dimensions in inches and (millimeters)
0.12(0.3)
0.059(1.5)
0.043(1.1)
min.
0.010(0.25)
Solderable per MIL-STD-750
Features
Extremely Low Thermall Resestance
High current capability
Low Forward Voltage
Case: Molded plastic SOD-323
High Temp Soldering : 250oC for 10
Weight: 0.004 gram
Polarity: Indicated by cathode band
method 2026
Mounting position: Any
Epoxy: UL 94V-0 rate flame retardant
Mechanical Data
For Surface Mount Application
s
econds at Terminals
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
(1)Measured at 1.0 MHz and applied reverse voltage of 5.0V D.C.
(2)Thermal Resistance Junction to Case.
-50 to +150 / -65 to +175
CDBV
120
CDBV
130
CDBV
140
SYMBOL
VRRM
VR
IO
IFSM
VF
IR
CT
TJ, TSTG
1.0
1.0
5
120
UNIT
V
V
V
A
A
mA
oC
pF
30
30
20
20
40
40
0.55
0.45
0.6
0.875
0.75
0.9
Maximum Repetitive Peak Reverse Voltage
Reverse Voltage
Maximum Average Forward Current @ TJ=90oC
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage@ IFM1.0 A
Maximum Instantaneous Forward Voltage@ IFM3.0 A
Maximum DC Reverse Current @TJ=25
oC VR=30V
Typical Junction Capacitance (Note)
Operating Junction and Storage Temperature
Half sine-wave superimposed on rated load
(JEDEC method)
Range
NOTES :


Similar Part No. - CDBV130

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBV130-G COMCHIP-CDBV130-G Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBV130-G COMCHIP-CDBV130-G Datasheet
106Kb / 4P
SMD Schottky Barrier Diodes
CDBV130-HF COMCHIP-CDBV130-HF Datasheet
146Kb / 5P
SMD Schottky Barrier Diodes
More results

Similar Description - CDBV130

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
B350A VISHAY-B350A_11 Datasheet
78Kb / 4P
Surface Mount Schottky Barrier Rectifier
20-Apr-11
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com